| データシートサーチシステム |
|
TIP36 データシート(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP36 データシート(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() PNP TIP36-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are PNP power transistors mounted in jedec TO-3PN. They are intended for use in general purpose power amplifier and switching applications. NPN complements are TIP35-A-B-C Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP36 -40 V TIP36A -60 TIP36B -80 TIP36C -100 VCEO Collector-Emitter Voltage TIP36 -40 V TIP36A -60 TIP36B -80 TIP36C -100 VEBO Emitter-Base Voltage TIP36 -5 V TIP36A TIP36B TIP36C IC Collector Current TIP36 -25 A TIP36A TIP36B TIP36C ICM Collector Peak Current TIP36 -40 A TIP36A TIP36B TIP36C |
同様の部品番号 - TIP36 |
|
同様の説明 - TIP36 |