| データシートサーチシステム |
|
SAM4S8B データシート(PDF) 48 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4S8B データシート(HTML) 48 Page - ATMEL Corporation |
|
48 / 67 page ![]() 48 11100BS–ATARM–31-Jul-12 SAM4S Series [Preliminary] 10.16 Peripheral Signal Multiplexing on I/O Lines The SAM4S features 2 PIO controllers on 64-pin version (PIOA and PIOB) or 3 PIO controllers on the 100-pin version (PIOA, PIOB and PIOC), that multiplex the I/O lines of the peripheral set. The SAM4S 64-pin and 100-pin PIO Controllers control up to 32 lines. Each line can be assigned to one of three peripheral functions: A, B or C. The multiplexing tables in the following paragraphs define how the I/O lines of the peripherals A, B and C are multiplexed on the PIO Controllers. The column “Comments” has been inserted in this table for the user’s own com- ments; it may be used to track how pins are defined in an application. Note that some peripheral functions which are output only, might be duplicated within the tables. 24 TC1 X X Timer/Counter 1 25 TC2 X X Timer/Counter 2 26 TC3 X X Timer/Counter 3 27 TC4 X X Timer/Counter 4 28 TC5 X X Timer/Counter 5 29 ADC X X Analog To Digital Converter 30 DACC X X Digital To Analog Converter 31 PWM X X Pulse Width Modulation 32 CRCCU X X CRC Calculation Unit 33 ACC X X Analog Comparator 34 UDP X X USB Device Port Table 10-3. Peripheral Identifiers (Continued) Instance ID Instance Name NVIC Interrupt PMC Clock Control Instance Description |