| データシートサーチシステム |
|
LC75813T データシート(PDF) 15 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC75813T データシート(HTML) 15 Page - Sanyo Semicon Device |
|
15 / 26 page ![]() No. 7159--15/26 LC75813E, 75813T Display data Segment output pin (S11) state D41 D42 D43 D44 0 0 0 0 The LCD segments corresponding to COM1, COM2, COM3, and COM4 are off. 0 0 0 1 The LCD segment corresponding to COM4 is on. 0 0 1 0 The LCD segment corresponding to COM3 is on. 0 0 1 1 The LCD segments corresponding to COM3 and COM4 are on. 0 1 0 0 The LCD segment corresponding to COM2 is on. 0 1 0 1 The LCD segments corresponding to COM2 and COM4 are on. 0 1 1 0 The LCD segments corresponding to COM2 and COM3 are on. 0 1 1 1 The LCD segments corresponding to COM2, COM3, and COM4 are on. 1 0 0 0 The LCD segment corresponding to COM1 is on. 1 0 0 1 The LCD segments corresponding to COM1 and COM4 are on. 1 0 1 0 The LCD segments corresponding to COM1 and COM3 are on. 1 0 1 1 The LCD segments corresponding to COM1, COM3, and COM4 are on. 1 1 0 0 The LCD segments corresponding to COM1 and COM2 are on. 1 1 0 1 The LCD segments corresponding to COM1, COM2, and COM4 are on. 1 1 1 0 The LCD segments corresponding to COM1, COM2, and COM3 are on. 1 1 1 1 The LCD segments corresponding to COM1, COM2, COM3, and COM4 are on. For example, the table below lists the segment output states for the S11 output pin. |