| データシートサーチシステム |
|
LV5682P データシート(PDF) 13 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LV5682P データシート(HTML) 13 Page - Sanyo Semicon Device |
|
13 / 15 page ![]() LV5682P No.A1833-13/15 Caution for usage When allowablepower dissipation and power supply voltage exceed absolute maximum ratings or depends on usage conditions, LV5682P may be destroyed before Thermal Shut Down circuit operates. Particularly caution is required for CD output. CD output can output high current and power dissipation is high. Therefore, when electric potential of VCC is high, a risk for IC destruction increases. The following diagram dhows Area of Safety Operation (ASO) CD output under the TYP conditions. However, it omly shpws the case where CD output is used independently. IC destruction may occur due to usage conditions in your system or manufacturing process of the IC. Therefore, your system should be designed with margin for a practical usage. *CD output is used independently with board and without heatsink Other channel of Area of Safety Operation (ASO) 20 34 24 22 28 26 30 32 0.7 1.1 1.3 0.9 1.5 0.5 1msec Ta=25 C DC CD output current[A] ASO 20 34 24 22 28 26 30 32 0.2 0.6 0.4 0 DC Total output current of VDD5V(VDD5V, SW5V, ACC5V)[A] ASO Ta=25 C Ta=25 C 20 34 24 22 28 26 30 32 DC VDD5V output AUDIO output 0.1 0.3 0.2 0 0.4 ASO AUDIO output current[A] *Each output should not exceed IOmax |