データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TFC30P データシート(PDF) 4 Page - Topstek Inc.

部品番号 TFC30P
部品情報  Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPSTEK [Topstek Inc.]
ホームページ  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TFC30P データシート(HTML) 4 Page - Topstek Inc.

  TFC30P Datasheet HTML 1Page - Topstek Inc. TFC30P Datasheet HTML 2Page - Topstek Inc. TFC30P Datasheet HTML 3Page - Topstek Inc. TFC30P Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
- 4 -
www.topstek.com
TFC30P-CL420
V081007
10/7/2008
Application Connections
TTFC30P-CL420 can be used with two types of connections. In both cases, the GND pin have no internal connection,
and TP Pin is for factory calibration only.
Connection 1:
The power supply is on the receiver side. Only two connector pins are used.
Connection 2:
The power supply is on the CT side. Make sure you have a proper ground connection to prevent grounding noise.



Html Pages

1 2 3 4