| データシートサーチシステム |
|
AS2578P データシート(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2578P データシート(HTML) 3 Page - ams AG |
|
3 / 22 page ![]() Data Sheet Rev. 3 3 AS2578 /B March 1997 PinDescriptioncont´d Pin # Symbol Function 18 DPN Dial Pulse Output This is the push-pull output for controlling the hook-switch transistor. It is low during on- hook and break periods and high during off-hook (see timing diagrammes). 19 GL GroundLoopOutput This push-pull output is high during ground loop 20 VDD PositivePowerSupply 21 R4 KeyboardRows 22 R3 23 R2 24 R1 25 C5 Keyboard Column (AS2578) This column is for the memory keys C6 Keyboard Column (AS2578B) This column is for centrex keys (A - D keys). Automatic pause insertion and Temporary MF select 1 are fixed enabled (AP open) 26 AP Access Pause Select Input (AS2578) This input is used to select the automatic access pause insertion or sliding cursor (no centrex keys): AP pin Function High Sliding cursor enabled Temporary MF select 2 Open Automatic pause insertion enabled Temporary MF select 1 Low Sliding cursor and pause disabled Temporary MF select 1 C5 Keyboard Column (AS2578B) This column is for the memory keys 27 MV Melody Volume Select Input This input is used to select the volume of the melodies in 4 steps by connecting the MV pin to row 1, 2, or 3. Leaving the pin open is the default setting (max. volume). 28 RR Repetition Rate Select Input This input is used to select the repetition rate of the melodies. 4 different rates can be selected by either leaving the pin open (default) or connecting it to column 1, 2, or 3. Power On Reset The on chip power on reset circuit monitors the supply voltage (V DD). As long as VDD remains below the internal reference voltage, Vref (typically 1.1V), the oscillator is inhibited. When V DD rises above Vref (tRISE = 1 µs/V to 50 ms/V), a reset signal is generated to assure correct start- up. Initial Setup A low to high transition on the CE input will initiate an automatic setup, i.e. the pin options are scanned and (when an EEPROM is connected) the stored LM codes and melody settings are read from the EEPROM. This is done independently of the hook state (see timing diagrammes). Note: "Open" means ≥ 100 kΩ. |