データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3502 データシート(PDF) 9 Page - ams AG

部品番号 AS3502
部品情報  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3502 データシート(HTML) 9 Page - ams AG

Back Button AS3502 Datasheet HTML 5Page - ams AG AS3502 Datasheet HTML 6Page - ams AG AS3502 Datasheet HTML 7Page - ams AG AS3502 Datasheet HTML 8Page - ams AG AS3502 Datasheet HTML 9Page - ams AG AS3502 Datasheet HTML 10Page - ams AG AS3502 Datasheet HTML 11Page - ams AG AS3502 Datasheet HTML 12Page - ams AG AS3502 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
REV. M
Page 9
September 1998
AS3502
CS
SCL
SDI
SDI
SDO
SERIAL WRITE
SERIAL READ
R/W
= 0
X
X
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
A4
ADDRESS BYTE
DATA BYTE
ADDRESS BYTE
DATA BYTE
R/W
= 1
X
X
A3
A2
A1
A0
X
X
X
X
X
X
X
X
A4
Z
Z
Z
Z
Z
Z
D7
D6
D5
D4
D3
D2
D1
D0
Z
Z
Serial Control Interface
Programmable Functions
19 8-bit internal registers are provided for control and
operation status monitoring. The addresses are di-
vided into two register banks with 16 locations each.
Address bit A4 selects between the upper and the
lower register bank. Address bit A7 defines whether
the operation will be a write or read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29