| データシートサーチシステム |
|
AS3588A データシート(PDF) 7 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3588A データシート(HTML) 7 Page - ams AG |
|
7 / 15 page ![]() Data Sheet AS3588A Rev. 3.1 Page 7 of 15 July 1999 Instruction 3: Channel Insertion Control Signals Data Bus Comments SEL C/D CS WR RD D7 D6 D5 D4 D3 D2 D1 D0 X 0 0 0 1 X X X X X CI7 CI6 CI5 Byte 1: 3 MSB of byte X 0 0 0 1 X X X CI4 CI3 CI2 CI1 CI0 Byte 2: 5 LSB´s of byte X 0 0 0 1 X X X X X BO2 BO1 BO0 Byte 3: PCM output line X 0 0 0 1 X X X CO4 CO3 CO2 CO1 CO0 Byte 4: PCM output channel 1/0 1 0 0 1 X X X X 0 1 0 0 Instruction Byte 1 0 0 1 0 C7 C6 C5 C4 C3 C2 C1 C0 OR1 (CI7) (CI6) (CI5) (CI4) (CI3) (CI2) (CI1) (CI0) Contents of CM (1) (1) (1) (1) (1) (1) (1) (1) Note 1 1 1 0 1 0 A7 A6 A5 C8 OP3 OP2 OP1 OP0 OR2 (BO2) (BO1) (BO0) (1) (0) (1) (0) (0) Note1: The Connection memory contains all ones if not connected Instruction 4: Output Channel Extraction Control Signals Data Bus Comments SEL C/D CS WR RD D7 D6 D5 D4 D3 D2 D1 D0 X 0 0 0 1 X X X X X BO2 BO1 BO0 Byte 1: PCM output bus X 0 0 0 1 X X X CO4 CO3 CO2 CO1 CO0 Byte 2: PCM output channel 1 1 0 0 1 X X X X 1 0 1 1 Instruction Byte 1 0 0 1 0 C7 C6 C5 C4 C3 C2 C1 C0 OR1: Memory Contents 1 1 0 1 0 A7 A6 A5 C8 OP3 OP2 OP1 OP0 OR2 (BO2) (BO1) (BO0) (1) (1) (0) (1) (1) Data is from CM (BO2) (BO1) (BO0) (0) (1) (0) (1) (1) Data is from DM |