データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE24C64 データシート(PDF) 7 Page - ACE Technology Co., LTD.

部品番号 ACE24C64
部品情報  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64 データシート(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24C64 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ACE24C32/64
Two-wire Serial EEPROM
VER 1.7
7
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only
during SCL low time periods (refer to Figure 4). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (refer to Figure 5).
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (refer to Figure 5).
Acknowledge:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word.
Standby Mode :
The ACE24C32/64 features a low-power standby mode which is enabled: (a) upon power-up and (b)
after the receipt of the stop bit and the completion of any internal operations.
Memory Reset :
After an interruption in protocol power loss or system reset, any two-wire part can be protocol reset by following
these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high and then.
3. Create a start condition as SDA is high.
Bus Timing
Figure 2.SCL: Serial Clock, SDA: Serial Data I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17