データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9525BCPZ データシート(PDF) 30 Page - Analog Devices

部品番号 AD9525BCPZ
部品情報  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ データシート(HTML) 30 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 26Page - Analog Devices AD9525BCPZ Datasheet HTML 27Page - Analog Devices AD9525BCPZ Datasheet HTML 28Page - Analog Devices AD9525BCPZ Datasheet HTML 29Page - Analog Devices AD9525BCPZ Datasheet HTML 30Page - Analog Devices AD9525BCPZ Datasheet HTML 31Page - Analog Devices AD9525BCPZ Datasheet HTML 32Page - Analog Devices AD9525BCPZ Datasheet HTML 33Page - Analog Devices AD9525BCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 30 of 48
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 33. Serial Control Port Timing—Write
Table 27. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between the CS falling edge and SCLK rising edge (start of communication cycle)
tC
Setup time between SCLK rising edge and the CS rising edge (end of communication cycle)
tHIGH
Minimum period that SCLK should be in a logic high state
tLOW
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48