データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

110901-0010 データシート(PDF) 29 Page - ITT Industries

部品番号 110901-0010
部品情報  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 データシート(HTML) 29 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 25Page - ITT Industries 110901-0010 Datasheet HTML 26Page - ITT Industries 110901-0010 Datasheet HTML 27Page - ITT Industries 110901-0010 Datasheet HTML 28Page - ITT Industries 110901-0010 Datasheet HTML 29Page - ITT Industries 110901-0010 Datasheet HTML 30Page - ITT Industries 110901-0010 Datasheet HTML 31Page - ITT Industries 110901-0010 Datasheet HTML 32Page - ITT Industries 110901-0010 Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
28
ZIF Connectors
DL3
DL3 — Plastic Body — 60 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
110900-0008
DL3-60P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
086-0032-000
DL3-60R
11,89 (.468)
57,91 (2.280)
50,55 (1.992)
4X Ø 3,03 (.119)
65,80 (2.592)
24,90 (.981)
7,92 (.312)
6,35
(.250)
39,19
(1.543)
23,10
(.910)
CAMSHAFT
TURNING DIRECTION
49,02 (1.931)
11,89 (.468)
57,91 (2.280)
50,50 (1.988)
65,80 (2.592)
24,90 (.981)
4X Ø 3,03 (.119)
7,75 (.305)
6,35 (.250)
20,32 (.800)
19,18 (.755)
49,02 (1.931)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76