| データシートサーチシステム |
|
AM6TW-2409D-RZ データシート(PDF) 2 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM6TW-2409D-RZ データシート(HTML) 2 Page - AIMTEC |
|
2 / 3 page ![]() Series AM6TW-RZ 6 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.E 2 of 3 North America only Input Specifications (continued) Parameters Nominal Typical Maximum Units Start up time 500 ms Absolute Maximum Rating 24 Vin -0.7-40 VDC 48 Vin -0.7-80 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 VDC Resistance > 1000 MOhm Capacitance 500 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance ±1 % Short Circuit protection Continuous Short circuit restart Auto Recovery Over current protection 120% Iout Line voltage regulation (Single) ±0.5 % Line voltage regulation (Dual) ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0 – 100% load ±1.5 % Load voltage regulation (Dual) 0 – 100% load ±0.5 % Load voltage regulation (Dual) ± 0 – 100% load ±1.5 % Temperature coefficient ±0.02 %/oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 260 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature +100 oC Cooling Free air convection Humidity 90 % Case material Nickel coated copper Weight 26 g Dimensions (L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm MTBF >1 050 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approval CE Standards EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B IEC61000-4-5, Perf. Criteria B IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A NOTE: also designed to meet IEC 60950-1:2001 |