データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INEMOENGINE_PW8 データシート(PDF) 2 Page - STMicroelectronics

部品番号 INEMOENGINE_PW8
部品情報  iNEMO Engine Pro Sensor Fusion algorithm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

INEMOENGINE_PW8 データシート(HTML) 2 Page - STMicroelectronics

  INEMOENGINE_PW8 Datasheet HTML 1Page - STMicroelectronics INEMOENGINE_PW8 Datasheet HTML 2Page - STMicroelectronics INEMOENGINE_PW8 Datasheet HTML 3Page - STMicroelectronics INEMOENGINE_PW8 Datasheet HTML 4Page - STMicroelectronics INEMOENGINE_PW8 Datasheet HTML 5Page - STMicroelectronics INEMOENGINE_PW8 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iNEMO sensor fusion
iNEMOENgine_PW8
2/6
Doc ID 022416 Rev 1
1
iNEMO sensor fusion
1.1
Overview
The iNEMO engine is a new, advanced software engine that fuses accelerometer,
gyroscope and magnetometer data to deliver accurate and reliable motion-sensing
information that is easy to integrate into smart consumer devices.
Figure 1.
9-axis sensor fusion
1.2
How the iNEMO engine works
The iNEMO engine fuses data from the integrated 9-axis sensor suite with advanced
algorithms that use true high-number-of-states adaptive Kalman filtering.
The iNEMO engine’s adaptive filters converge so that correct heading data overrides
magnetic distortions and anomalies, resulting in more accurate and reliable data.
iNEMO allows the correction of:
●
magnetic distortions registered on the magnetometers
●
dynamic distortion measured by the accelerometers
●
inherent drift of the gyroscope over time
The iNEMO engine integrates all 9 inertial axes plus compass with complex fusion
algorithms, so the output of the sensor cluster is optimized.
This allows for faster, easier integration into smart consumer devices and higher
performance of the solution as a whole.
The library can be configured to achieve the best trade-off between performance and power-
saving to match application requirements.
Gyroscope
Magnetometer
Accelerometer
SW libraries
9-axis sensor fusion
AM10211V1



Html Pages

1 2 3 4 5 6