| データシートサーチシステム |
|
AD641AP データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD641AP データシート(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() REV. C AD641 –3– ORDERING GUIDE Temperature Package Package Model Range Description Option AD641AN –40 °C to +85°C Plastic DIP N-20 AD641AP –40 °C to +85°C PLCC P-20A 5962-9559801MRA –55 °C to +125°C Cerdip Q-20 AD641-EB Evaluation Board THERMAL CHARACTERISTICS JC JA ( C/W) ( C/W) 20-Lead Plastic DIP Package (N) 24 61 20-Lead Cerdip Package (Q) 25 85 20-Lead Plastic Leadless Chip Carrier (P) 28 75 ABSOLUTE MAXIMUM RATINGS* Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±7.5 V Input Voltage (Pin 1 or Pin 20 to COM) . . . –3 V to +300 mV Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . . ±4 V Storage Temperature Range, Q . . . . . . . . . . –65 °C to +150°C Storage Temperature Range, N, P . . . . . . . . –65 °C to +125°C Ambient Temperature Range, Rated Performance Industrial, AD641A . . . . . . . . . . . . . . . . . . –40 °C to +85°C Military, AD641S . . . . . . . . . . . . . . . . . . –55 °C to +125°C Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may adversely affect device reliability. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD641 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |