| データシートサーチシステム |
|
CS1631-FSZ データシート(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1631-FSZ データシート(HTML) 36 Page - Cirrus Logic |
|
36 / 56 page ![]() CS1630/31 36 DS954F2 6.17 Configuration 12 (Config12) – Address 44 6.18 PU Coefficient (PID) – Address 45 PID sets the maximum coefficient for the second stage PU integrator. The register value is an unsigned integer in the range of 0 value255. 6.19 Maximum Switching Frequency (TTFREQ) – Address 46 TTFREQ sets the minimum switching period (maximum switching frequency) for the second stage TT (see "Maximum TT (TTMAX) – Address 38" on page 33). The register value is an unsigned integer in the range of 0 value255. The minimum TTFREQ switching period is determined by: The switching period for TT can be configured from 0ns to 51 s. 7 654 32 10 TIMEOUT1 TIMEOUT0 S2CONFIG DITATT1 DITATT0 - - - Number Name Description [7:6] TIMEOUT[1:0] Sets the T2 time-out limit to ensure a minimum switching frequency for each channel. 00 = 45ms 01 = 70.6ms 10 = 96.2ms 11 = 121.8ms [5] S2CONFIG Configures second stage for flyback or buck/tapped buck. 0 = Enables second stage for buck/tapped buck topology 1 = Enables second stage for flyback topology [4:3] DITATT[1:0] Configures the dither attenuation by right shifting the dither value on a selected channel for dithering reduction. The nominal dither level (set using bits DIT- LEVEL[1:0]) is attenuated by the amount configured by bits DITATT[1:0] on the channel set using bit DITCHAN. 00 = No attenuation 01 = 50% attenuation 10 = 25% attenuation 11 = 12.5% attenuation [2:0] - Reserved 7 654 32 10 27 26 25 24 23 22 21 20 7 654 32 10 27 26 25 24 23 22 21 20 TTFREQ[7:0] 4 50ns |