| データシートサーチシステム |
|
CS1631 データシート(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1631 データシート(HTML) 35 Page - Cirrus Logic |
|
35 / 56 page ![]() CS1630/31 DS954F2 35 6.14 Channel 1 Output Current (CH1CUR) – Address 41 CH1CUR sets the target output current for channel 1. The register value plus bit CH1CURMSB forms an un- signed integer in the range of 0 value511. 6.15 Configuration 10 (Config10) – Address 42 6.16 Channel 2 Output Current (CH2CUR) – Address 43 CH2CUR sets the target output current for channel 2. The register value plus bit CH2CURMSB forms an un- signed integer in the range of 0 value511. 7 654 32 10 27 26 25 24 23 22 21 20 7 654 32 10 BUCK3 BUCK2 BUCK1 BUCK0 RE1_ZCD2 RE1_ZCD1 RE1_ZCD0 CH2CURMSB Number Name Description [7:4] BUCK[3:0] Configures buck topology. The value is an unsigned integer in the range of 0 value15. 0 = Normal buck configuration 1 = Tapped buck ratio of one which is equivalent to a normal buck configuration 2-15 = Tapped buck configuration where the ratio is equal to N. [3:1] RE1_ZCD[2:0] Configures fixed time delay TRE1ZCD(delay) for zero-current detection (ZCD) comparator to account for the delay on the rising edge of ZCD for channel 1. The value is an unsigned integer in the range of 0 value7. The delay is defined by: [0] CH2CURMSB Most significant bit for the CH2CUR register (see "Channel 2 Output Current (CH2CUR) – Address 43" on page 35). 7 654 32 10 27 26 25 24 23 22 21 20 TRE1ZCD delay RE1_ZCD = [2:0] 50ns |