| データシートサーチシステム |
|
AD6623S/PCB データシート(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6623S/PCB データシート(HTML) 39 Page - Analog Devices |
|
39 / 40 page ![]() REV. 0 AD6623 –39– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 128-Lead Terminal Metric Quad Flatpack (MQFP) TOP VIEW (PINS DOWN) 1 38 39 65 64 102 128 103 0.011 (0.27) 0.009 (0.22) 0.007 (0.17) 0.020 (0.50) BSC* 0.555 (14.10) 0.551 (14.00) 0.547 (13.90) 0.685 (17.40) 0.677 (17.20) 0.669 (17.00) 0.791 (20.10) 0.787 (20.00) 0.783 (19.90) 0.921 (23.40) 0.913 (23.20) 0.906 (23.00) SEATING PLANE 0.134 (3.40) MAX 0.041 (1.03) 0.035 (0.88) 0.031 (0.78) 0.003 (0.08) MAX 0.010 (0.25) MIN 0.110 (2.80) 0.106 (2.70) 0.102 (2.60) THE ACTUAL POSITION OF EACH LEAD IS WITHIN 0.00315 (0.08) FROM ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED * 196-Lead Ball Grid Array (BGA) TOP VIEW 0.594 (15.10) 0.591 (15.00) SQ 0.587 (14.90) BALL A1 INDICATOR DETAIL A SEATING PLANE 0.059 (1.50) MAX 0.021 (0.53) 0.017 (0.43) 0.008 (0.20) COPLANARITY 0.028 (0.70) 0.024 (0.60) 0.020 (0.50) BALL DIAMETER DETAIL A 0.039 (1.00) 0.033 (0.85) BOTTOM VIEW A B C D E F G H J K L M N P 13 11 9 7 5 3 1 14 12 10 8 6 4 2 0.039 (1.00) BSC BALL PITCH 0.512 (13.0) BSC SQ 0.039 (1.00) BSC BALL PITCH NOTES 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS 2. THE ACTUAL POSITION OF THE BALL GRID IS WITHIN 0.008 (0.20) OF ITS IDEAL POSITION RELATIVE TO THE PACKAGE EDGES 3. THE ACTUAL POSITION OF EACH BALL IS WITHIN 0.004 (0.10) OF ITS IDEAL POSITION TO THE BALL GRID 4. CENTER FIGURES ARE NOMINAL DIMENSIONS |