| データシートサーチシステム |
|
AD679KD データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD679KD データシート(HTML) 4 Page - Analog Devices |
|
4 / 12 page ![]() AD679 REV. C –4– TIMING SPECIFICATIONS (All device types TMIN to TMAX, VCC = +12 V 5%, VEE = –12 V 5%, VDD = +5 V 10%) Parameter Symbol Min Max Units SC Delay tSC 50 ns Conversion Time tC 6.3 µs Conversion Rate1 tCR 7.8 µs Convert Pulse Width tCP 0.097 3.0 µs Aperture Delay tAD 520 ns Status Delay tSD 0 400 ns Access Time2, 3 tBA 10 100 ns 10 574 ns Float Delay5 tFD 10 80 ns Output Delay tOD 0ns Format Setup tFS 100 ns OE Delay tOE 20 ns Read Pulse Width tRP 195 ns Conversion Delay tCD 400 ns EOCEN Delay tEO 50 ns NOTES 1Includes Acquisition Time. 2Measured from the falling edge of OE/EOCEN (0.8 V) to the time at which the data lines/EOC cross 2.0 V or 0.8 V. See Figure 4. 3C OUT = 100 pF. 4C OUT = 50 pF. 5Measured from the rising edge of OE/EOCEN (2.0 V) to the time at which the output voltage changes by 0.5. See Figure 4; COUT = 10 pF. Specifications subject to change without notice. ORDERING GUIDE 1 Tested Temperature and Package Model 2 Package Range Specified Option 3 AD679JN 28-Pin Plastic DIP 0 °C to +70°C AC N-28 AD679KN 28-Pin Plastic DIP 0 °C to +70°C AC + DC N-28 AD679JD 28-Pin Ceramic DIP 0 °C to +70°C AC D-28 AD679KD 28-Pin Ceramic DIP 0 °C to +70°C AC + DC D-28 AD679AD 28-Pin Ceramic DIP –40 °C to +85°C AC D-28 AD679BD 28-Pin Ceramic DIP –40 °C to +85°C AC + DC D-28 AD679SD 28-Pin Ceramic DIP –55 °C to +125°C AC D-28 AD679TD 28-Pin Ceramic DIP –55 °C to +125°C AC + DC D-28 AD679AJ 44-Lead Ceramic JLCC –40 °C to +85°C AC J-44 AD679BJ 44-Lead Ceramic JLCC –40 °C to +85°C AC + DC J-44 AD679SJ 44-Lead Ceramic JLCC –55 °C to +125°C AC J-44 AD679TJ 44-Lead Ceramic JLCC –55 °C to +125°C AC + DC J-44 NOTES 1For parallel read (14-bits) interface to 16-bit buses, see AD779. 2For details grade and package offerings screened in accordance with MIL-STD- 883, refer to the Analog Devices Miliary Products Databook or current AD679/ 883B data sheet. 3N = Plastic DIP; D = Ceramic DIP; J = J-Leaded Ceramic Chip Carrier. Figure 1. Conversion Timing Figure 2. Output Timing Figure 3. EOC Timing Figure 4. Load Circuit for Bus Timing Specifications |