| データシートサーチシステム |
|
PIC24FJ128GA310 データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 データシート(HTML) 6 Page - Microchip Technology |
|
6 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 6 2010-2011 Microchip Technology Inc. Pin Diagrams (continued) 1 3 5 7 8 9 10 11 A RE4 RE3 RE0 RG0 RF1 VBAT N/C RD12 RD1 B N/C RE2 RE1 RA7 RF0 VCAP/ RD5 RD3 VSS RC14 C RE6 VDD RG14 N/C RD7 RD4 N/C RC13 RD11 D RE7 RE5 N/C N/C N/C RD6 RD13 RD0 N/C RD10 E RC4 RG6 N/C RG1 N/C RA15 RD8 RA14 F MCLR RG8 RG9 RG7 VSS N/C N/C VDD OSCI/ VSS OSCO/ G RE8 RE9 RA0 N/C VDD VSS VSS N/C RA5 RA3 RA4 H N/C N/C N/C VDD N/C RF6 RG2 RA2 J AVDD RB11 RA1 RB12 N/C N/C RF8 RG3 K RA10 N/C RF12 RB14 VDD L RA9 AVSS RB10 RB13 RB15 RF4 RF5 24 6 RF7 RG13 RD2 RG15 RG12 RA6 RC1 RC3 RC2 RD9 RC12 RC15 RB4 RB3 RB2 RB8 RD15 RF3 RF2 RB9 RF13 RD14 RB5 RB1 RB0 RB6 RB7 VDDCORE 121-Pin BGA (Top View) Legend: Shaded pins indicate pins that are tolerant up to +5.5V. Note: See Table 1 for complete pinout descriptions. Pinouts are subject to change. |