| データシートサーチシステム |
|
AS5262 データシート(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS5262 データシート(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 36 page ![]() AS5262 Datasheet - Application In form atio n www.ams.com Revision 1.1 27 - 36 9.4 READ / WRITE Register Map Table 15. Read / Write Registers Data Byte Bit Number Symbol Default Description DATA0 (0x20) 0 BAUDREG<0> 0 UART Baud Rate Register 1 BAUDREG<1> 0 2 BAUDREG<2> 0 3 BAUDREG<3> 0 4 BAUDREG<4> 0 5 BAUDREG<5> 0 6 BAUDREG<6> 0 7 BAUDREG<7> 0 DATA1 (0x21) 0 BAUDREG<8> 0 1 Not used 0 A read command returns all data bits at 0 2 Not used 0 3 Not used 0 4 Not used 0 5 Not used 0 6 Not used 0 7 Not used 0 DATA2 (0x22) 0 DAC12IN<8> 0 DAC12 buffer value 1 DAC12IN<9> 0 2 DAC12IN<10> 0 3 DAC12IN<11> 0 4 DAC12INSEL 0 DAC12 buffer selection 5 R1K10K<0> 0 Selection of the reference resistance used for OTP download 6 R1K10K<1> 0 7 DSPRN 0 Resetn of the Digital Signal Processing circuit DATA3 (0x23) 0 DAC12IN<0> 0 DAC12 buffer value 1 DAC12IN<1> 0 2 DAC12IN<2> 0 3 DAC12IN<3> 0 4 DAC12IN<4> 0 5 DAC12IN<5> 0 6 DAC12IN<6> 0 7 DAC12IN<7> 0 |