データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC8 データシート(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

部品番号 HC8
部品情報  8.0kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
ホームページ  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC8 データシート(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC8 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.0kV 1.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC8
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC8
HC8
7.2
5.0
0.5
50
8.0
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC8
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC8


同様の部品番号 - HC8

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
HC8 EATON-HC8 Datasheet
426Kb / 4P
High current power inductors
logo
Cooper Bussmann, Inc.
HC8-100-R COOPER-HC8-100-R Datasheet
119Kb / 2P
HC8 Series HIGH CURRENT 8 Power Inductors
logo
Eaton All Rights Reserv...
HC8-100-R EATON-HC8-100-R Datasheet
426Kb / 4P
High current power inductors
logo
Cooper Bussmann, Inc.
HC8-150-R COOPER-HC8-150-R Datasheet
119Kb / 2P
HC8 Series HIGH CURRENT 8 Power Inductors
logo
Eaton All Rights Reserv...
HC8-150-R EATON-HC8-150-R Datasheet
426Kb / 4P
High current power inductors
More results

同様の説明 - HC8

メーカー部品番号データシート部品情報
logo
GETAI ELECTRONICS DEVIC...
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-08A GETEDZ-ESJA54-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA08-08 GETEDZ-ESJA08-08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC08 GETEDZ-HC08 Datasheet
161Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
8.0kV 750mA HIGH VOLTAGE DIODES
ESJA54-08 GETEDZ-ESJA54-08_17 Datasheet
651Kb / 2P
5.0mA 8.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA08-08 GETEDZ-ESJA08-08_17 Datasheet
650Kb / 2P
5.0mA 8.0kV 80nS-- High Voltage Diodes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com