| データシートサーチシステム |
|
AD7477SRT-R2 データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7477SRT-R2 データシート(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() REV. D –6– AD7476/AD7477/AD7478 ABSOLUTE MAXIMUM RATINGS 1 (TA = 25 °C, unless otherwise noted.) VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V Analog Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V Digital Input Voltage to GND . . . . . . . . . . . . . . –0.3 V to +7 V Digital Output Voltage to GND . . . . . . –0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies 2 . . . . . . . . ±10 mA Operating Temperature Range Commercial (A, B Versions) . . . . . . . . . . . –40 °C to +85°C Military (S Version) . . . . . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 °C SOT-23 Package θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 230 °C/W θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 92°C/W Lead Temperature, Soldering Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . . 235 (0/+5) °C Pb-Free Temperature Soldering Reflow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255 (0/+5) °C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Transient currents of up to 100 mA will not cause SCR latch-up. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7476/AD7477/AD7478 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ORDERING GUIDE Temperature Linearity Package Branding Model Range Error (LSB) 1 Option 2 Information AD7476ART-500RL7 –40 °C to +85°C ±1 typ RT-6 CEA AD7476ART-REEL –40 °C to +85°C ±1 typ RT-6 CEA AD7476ART-REEL7 –40 °C to +85°C ±1 typ RT-6 CEA AD7476ARTZ-500RL7 3 –40 °C to +85°C ±1 typ RT-6 CEA AD7476ARTZ-REEL 3 –40 °C to +85°C ±1 typ RT-6 CEA AD7476ARTZ-REEL7 3 –40 °C to +85°C ±1 typ RT-6 CEA AD7476BRT-REEL –40 °C to +85°C ±1.5 max RT-6 CEB AD7476BRT-REEL7 –40 °C to +85°C ±1.5 max RT-6 CEB AD7476BRTZ-REEL 3 –40 °C to +85°C ±1.5 max RT-6 CEB AD7476BRTZ-REEL7 3 –40 °C to +85°C ±1.5 max RT-6 CEB AD7476SRT-500RL7 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRT-R2 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRT-REEL –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRT-REEL7 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRTZ-500RL7 3 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRTZ-R2 3 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRTZ-REEL 3 –55 °C to +125°C ±1.5 max RT-6 CES AD7476SRTZ-REEL7 3 –55 °C to +125°C ±1.5 max RT-6 CES AD7477ART-500RL7 –40 °C to +85°C ±1 max RT-6 CFA AD7477ART-REEL –40 °C to +85°C ±1 max RT-6 CFA AD7477ART-REEL7 –40 °C to +85°C ±1 max RT-6 CFA AD7477SRT-500RL7 –55 °C to +125°C ±1 max RT-6 CFS AD7477SRT-R2 –55 °C to +125°C ±1 max RT-6 CFS AD7477SRT-REEL –55 °C to +125°C ±1 max RT-6 CFS AD7477SRT-REEL7 –55 °C to +125°C ±1 max RT-6 CFS AD7478ART-500RL7 –40 °C to +85°C ±0.5 max RT-6 CJA AD7478ART-REEL –40 °C to +85°C ±0.5 max RT-6 CJA AD7478ART-REEL7 –40 °C to +85°C ±0.5 max RT-6 CJA AD7478SRT-500RL7 –55 °C to +125°C ±0.5 max RT-6 CJS AD7478SRT-R2 –55 °C to +125°C ±0.5 max RT-6 CJS AD7478SRT-REEL7 –55 °C to +125°C ±0.5 max RT-6 CJS EVAL-AD7476CB 4 Evaluation Board EVAL-AD7477CB 4 Evaluation Board EVAL-CONTROL BRD2 5 Control Board NOTES 1Linearity Error here refers to integral linearity error. 2RT = SOT-23. 3Z = Pb free. 4This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes. 5This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete evaluation kit, you need to order the particular ADC evaluation board, e.g., EVAL-AD7476CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See relevant evaluation board application note for more information. |