| データシートサーチシステム |
|
AD7478ART-500RL7 データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7478ART-500RL7 データシート(HTML) 9 Page - Analog Devices |
|
9 / 20 page ![]() REV. D Typical Performance Characteristics–AD7476/AD7477/AD7478 –9– FREQUENCY – kHz 0 50 100 150 200 250 300 350 400 450 500 –15 –35 –55 –75 –95 –115 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 71.67dB THD = –81.00dB SFDR = –81.63dB 0 TPC 1. AD7476 Dynamic Performance at 1 MSPS FREQUENCY – kHz 0 50 100 150 200 250 300 –15 –35 –55 –75 –95 –115 –15 8192 POINT FFT fSAMPLE = 600kSPS fIN = 100kHz SINAD = 71.71dB THD = –80.88dB SFDR = –83.23dB TPC 2. AD7476 Dynamic Performance at 600 kSPS FREQUENCY – kHz 0 50 100 150 200 250 300 350 400 450 500 –50 –60 –70 –80 –90 –100 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 61.66dB THD = –80.64dB SFDR = –85.75dB –40 –30 –20 –10 0 TPC 3. AD7477 Dynamic Performance at 1 MSPS FREQUENCY – kHz 0 –10 050 150 200 250 300 350 400 450 500 100 –20 –30 –40 –50 –60 –70 –80 –90 8192 POINT FFT fSAMPLE = 1MSPS fIN = 100kHz SINAD = 49.82dB THD = –75.22dB SFDR = –67.78dB TPC 4. AD7478 Dynamic Performance at 1 MSPS INPUT FREQUENCY – Hz –66 10k –67 –68 –69 –70 –71 –72 –73 100k 1M VDD = 2.35V VDD = 2.7V VDD = 5.25V VDD = 4.75V VDD = 3.6V SCLK = 20MHz TPC 5. AD7476 SINAD vs. Input Frequency at 993 kSPS INPUT FREQUENCY – Hz –69.0 10k –69.5 –70.0 –70.5 –71.0 –71.5 –72.0 –72.5 100k 1M VDD = 2.35V VDD = 2.7V VDD = 5.25V VDD = 4.75V VDD = 3.6V SCLK = 12MHz TPC 6. AD7476 SINAD vs. Input Frequency at 605 kSPS |