| データシートサーチシステム |
|
WI.232FHSS-25-R データシート(PDF) 51 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
WI.232FHSS-25-R データシート(HTML) 51 Page - Radiometrix Ltd |
|
51 / 67 page ![]() WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET 50 Revision 1.1.0 4.1.37. My GUID[1] (regMYGUID[1]) regMYGUID[1] (0x36) R R R R R R R R D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default My GUID[1]: 0xFF This is byte 2 of the 32-bit factory-programmed, read-only MAC/GUID address. The complete MyGUID address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used by all packet types as a unique origination address. This register is used in conjunction with My GUID[3-2] and My GUID[0] registers to make up the module’s 32-bit source GUID. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.38. My GUID[0] (regMYGUID[0]) regMYGUID[0] (0x37) R R R R R R R R D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 Default My GUID[0]: 0xFF This is byte 2 of the 32-bit factory-programmed, read-only MAC/GUID address. The complete MyGUID address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used by all packet types as a unique origination address. This register is used in conjunction with My GUID[3-1] registers to make up the module’s 32-bit source GUID. For more information on the operation of addressing modes, please refer to the Addressing Modes section of this document. 4.1.39. Release Number (regRELEASENUM) regRELEASENUM (0x78) R R R R R R R R D7 D6 D5 D4 D3 D2 D1 D0 7 6 5 4 3 2 1 0 This register contains a hard-coded release number corresponding to a firmware version and hardware platform. The following table lists current releases to date: Wi.232FHSS-25-R Wi.232FHSS-250-R Release Number Version Number Release Number Version Number 0x08 1.0.0 0x0D 1.0.5 0x0A 1.0.2 0x10 1.0.5a 0x0C 1.0.4 0x11 1.1.0 0x0E 1.0.4a 0x14 1.1.0 (Brazil) 0x0F 1.0.5 Tables 20 and 21, Release Number Register Settings |