| データシートサーチシステム |
|
Wi.232FHSS-250-FCC-R データシート(PDF) 55 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
Wi.232FHSS-250-FCC-R データシート(HTML) 55 Page - Radiometrix Ltd |
|
55 / 67 page ![]() WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET 54 Revision 1.1.0 4.2.2. Volatile Read-Only Registers Volatile Read-Only Registers Name Address Description regEXCEPTION 0x79 Stores latest exception code regLGPRSSI** 0x7B Last Good Packet RSSI value regIMMEDRSSI** 0x7C Current RSSI value ** supported in 250(-R) module f/w v1.0.5 and newer Table 24, Volatile Read-Only Register Summary 4.2.3. Non-Volatile Read-Only Registers Non-Volatile Read-Only Registers Name Address Description regMYGUID[3] 0x34 Factory programmed GUID used in MAC Addressing Mode regMYGUID[2] 0x35 Factory programmed GUID used in MAC Addressing Mode regMYGUID[1] 0x36 Factory programmed GUID used in MAC Addressing Mode regMYGUID[0] 0x37 Factory programmed GUID used in MAC Addressing Mode regCUSTID[1] 0x39 Factory programmed customer ID, default 0xFF. regCUSTID[0] 0x3A Factory programmed customer ID, default 0xFF. regRELEASENUM 0x78 Holds release number indicating h/w and f/w Table 25, Non-Volatile Read-Only Register Summary |