| データシートサーチシステム |
|
SCK データシート(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
SCK データシート(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION |
|
3 / 5 page ![]() SCK 13 Part No Zero Power Resistance at 25 oC ( ) Max.Steady State Current at 25 oC ( A ) Residual Resistance at 25 oC ( m ) Max. Power rating at 25 oC (W) Thermal Dissipation Constant ( mW/ oC ) Thermal Time Constant ( Sec. ) Operating Temperature ( oC ) SCK13-013 1 3 174 SCK13-1R37 1.3 7 70 SCK13-2R56 2.5 6 94 SCK13-045 4 5 132 SCK13-4R74 4.7 4 168 SCK13-055 5 5 166 SCK13-074 7 4 184 SCK13-084 8 4 206 SCK13-104 10 4 217 SCK13-124 12 4 230 SCK13-153 15 3 343 SCK13-163 16 3 348 SCK13-183 18 3 365 SCK13-203 20 3 410 3.1 18 66 -40~+200 SCK 15 Part No Zero Power Resistance at 25 oC ( ) Max.Steady State Current at 25 oC ( A ) Residual Resistance at 25 oC ( m ) Max. Power rating at 25 oC (W) Thermal Dissipation Constant ( mW/ oC ) Thermal Time Constant ( Sec. ) Operating Temperature ( oC ) SCK15-0R78 0.7 8 51 SCK15-018 1 8 54 SCK15-1R38 1.3 8 64 SCK15-1R58 1.5 8 68 SCK15-028 2 8 78 SCK15-2R58 2.5 8 86 SCK15-037 3 7 91 SCK15-046 4 6 117 SCK15-056 5 6 121 SCK15-065 6 5 159 SCK15-075 7 5 161 SCK15-085 8 5 165 SCK15-105 10 5 178 SCK15-125 12 5 185 SCK15-154 15 4 261 SCK15-164 16 4 265 SCK15-184 18 4 273 SCK15-204 20 4 283 SCK15-224 22 4 308 SCK15-253 25 3 425 SCK15-303 30 3 461 SCK15-333 33 3 484 SCK15-403 40 3 511 SCK15-473 47 3 517 SCK15-802X 80 2.5 693 SCK15-1202 120 2 1010 3.6 21 75 -40~+200 MERITEK NTC Power Thermistors SCK Series |