| データシートサーチシステム |
|
AD795JR データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD795JR データシート(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD795 REV. A –16– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). Plastic Mini-DIP (N) Package 0.011 ±0.003 (0.28 ±0.08) 0.30 (7.62) REF 15 ° 0 ° PIN 1 4 5 8 1 0.25 (6.35) 0.31 (7.87) 0.10 (2.54) BSC SEATING PLANE 0.035 ±0.01 (0.89 ±0.25) 0.18 ±0.03 (4.57 ±0.76) 0.033 (0.84) NOM 0.018 ±0.003 (0.46 ±0.08) 0.125 (3.18) MIN 0.165 ±0.01 (4.19 ±0.25) 0.39 (9.91) MAX 8-Pin SOIC (R) Package 0.019 (0.48) 0.014 (0.36) 0.050 (1.27) BSC 0.102 (2.59) 0.094 (2.39) 0.197 (5.01) 0.189 (4.80) 0.010 (0.25) 0.004 (0.10) 0.098 (0.2482) 0.075 (0.1905) 0.190 (4.82) 0.170 (4.32) 0.030 (0.76) 0.018 (0.46) 10 ° 0 ° 0.090 (2.29) 8 ° 0 ° 0.020 (0.051) x 45 ° CHAMF 1 8 5 4 PIN 1 0.157 (3.99) 0.150 (3.81) 0.244 (6.20) 0.228 (5.79) 0.150 (3.81) All brand or product names mentioned are trademarks or registered trademarks of their respective holders. |