データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KPC6N136H データシート(PDF) 1 Page - COSMO Electronics Corporation

部品番号 KPC6N136H
部品情報  General Purpose Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N136H データシート(HTML) 1 Page - COSMO Electronics Corporation

  KPC6N136H Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N136H Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N136H Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N136H Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N136H Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SPECIFICATION
DATE:03/26/2012
NO.62P51001
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPC6N136H
SHEET 1 OF 5
REV.
2
General Purpose Type Photocoupler
Features
1. Pb free and RoHS compliant.
2. High speed response tPHL, tPLH
( MAX. 0.8us at RL=1.9KΩ )
3. High common mode rejection voltage
( CMH:TYP. 1KV/us )
4. Compact surface mount type package
5. Agency Approvals
UL approved:UL1577 , No.E169586
CUL approved:C22.2 No.1 & NTC No.5 , No.E169586
VDE approved:EN60747 , No.40006080
FIMKO approved:EN 60065 No. FI 25798
EN 60950 No. FI 25798
Application:
1. Computers, measuring instruments, control equipment.
2. High speed line receivers, high speed logic.
3. Telephone sets.
4. Signal transmission between circuits of different
Potentials and impedances.


同様の部品番号 - KPC6N136H

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KPC6N136HTL COSMO-KPC6N136HTL Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136HTLD COSMO-KPC6N136HTLD Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136HTR COSMO-KPC6N136HTR Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136HTRU COSMO-KPC6N136HTRU Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results

同様の説明 - KPC6N136H

メーカー部品番号データシート部品情報
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
logo
Lite-On Technology Corp...
LTV-4N28 LITEON-LTV-4N28 Datasheet
757Kb / 5P
GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
General Purpose Type Photocoupler
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
General Purpose Type Photocoupler
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com