| データシートサーチシステム |
|
ECR20-R051FV データシート(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD |
|
|
|||||||||||||||||||||||||||||
ECR20-R051FV データシート(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD |
|
|
1 / 1 page ![]() 【Model Number】 【Model Number】 【Model Number】 【Model Number】 ECR** ECR** ECR** ECR** 【Features】 【Features】 【Features】 【Features】 【Dimensions】 【Dimensions】 【Dimensions】 【Dimensions】 【Designation】 【Designation】 【Designation】 【Designation】 【Specification】 【Specification】 【Specification】 【Specification】 * Operating temperature range: -55~+155 ℃ * Operating temperature range: -55~+155 ℃ * Operating temperature range: -55~+155 ℃ * Operating temperature range: -55~+155 ℃ 【Structure】 【Structure】 【Structure】 【Structure】 No. 1 2 3 4 5 6 7 8 * Design・specification are subject to change without prior notice. Please check before purchase and use. 0.50 +0.15/-0.05 (Unit: mm) Model No. L W t c d 0.40±0.20 0.40±0.20 2.50±0.15 0.56±0.15 0.25±0.25 0.60±0.25 ECR32 ECR32 ECR32 ECR32 3.20±0.10 1.60±0.10 0.55±0.10 0.40±0.20 0.55±0.10 ECR20 ECR20 ECR20 ECR20 2.00 +0.20/-0.10 1.25 +0.20/-0.10 ECR50 ECR50 ECR50 ECR50 5.00±0.15 Model No. Rated power (W) at 70℃ Tolerance Range (Ω) TCR (ppm/℃) ECR20 ECR20 ECR20 ECR20 0.250 0.250 0.250 0.250 F (±1.0%) F (±1.0%) F (±1.0%) F (±1.0%) 0.05~0.091 0.05~0.091 0.05~0.091 0.05~0.091 ±100 ±100 ±100 ±100 J (±5.0%) J (±5.0%) J (±5.0%) J (±5.0%) ±100 ±100 ±100 ±100 J (±5.0%) J (±5.0%) J (±5.0%) J (±5.0%) ECR32 ECR32 ECR32 ECR32 0.500 0.500 0.500 0.500 F (±1.0%) F (±1.0%) F (±1.0%) F (±1.0%) 0.05~0.091 0.05~0.091 0.05~0.091 0.05~0.091 ±100 ±100 ±100 ±100 J (±5.0%) J (±5.0%) J (±5.0%) J (±5.0%) ECR50 ECR50 ECR50 ECR50 1.000 1.000 1.000 1.000 Element Name Ceramic substrate Ceramic substrate Ceramic substrate Ceramic substrate Bottom electrode Bottom electrode Bottom electrode Bottom electrode Ni plating Ni plating Ni plating Ni plating Sn plating Sn plating Sn plating Sn plating Conductor Conductor Conductor Conductor Protective coat Ⅰ Protective coat Ⅰ Protective coat Ⅰ Protective coat Ⅰ Side electrode Side electrode Side electrode Side electrode Cu plating Cu plating Cu plating Cu plating F (±1.0%) F (±1.0%) F (±1.0%) F (±1.0%) 0.05~0.091 0.05~0.091 0.05~0.091 0.05~0.091 Flat Type Extremely-Low Resistance Chip Resistor Hokuriku Electric Industry Co.,Ltd HOKURIKU 2 3 4 6 7 5 8 1 chip resistor for current detection chip resistor for current detection chip resistor for current detection chip resistor for current detection )))) ~ ~ ~ ~ mΩ mΩ mΩ mΩ 50 50 50 50 (((( resistance resistance resistance resistance low low low low - -- - Extremely Extremely Extremely Extremely ■ ■ ■ ■ solderings are applicable. solderings are applicable. solderings are applicable. solderings are applicable. Reflow, Flow Reflow, Flow Reflow, Flow Reflow, Flow ■ ■ ■ ■ product. product. product. product. Europe RoHS compliant Europe RoHS compliant Europe RoHS compliant Europe RoHS compliant ■ ■ ■ ■ V V V V J J J J 051 051 051 051 R R R R - -- - 20 20 20 20 ECR ECR ECR ECR ① ① ① ① ② ② ② ② ③ ③ ③ ③ ④ ④ ④ ④ Model No. Size Marking Resistance Symbol Tolerance Symbol Form ECR20 2012 R051 51mΩ F ±1.0% V Paper tape ECR32 3216 J ±5.0% E Emboss tape ECR50 5025 B Bulk ①Model No. ②Resistance Value ③Resistance Tolerance ③Packing Form R051=51mΩ R is decimal point. |
同様の部品番号 - ECR20-R051FV |
|
同様の説明 - ECR20-R051FV |