| データシートサーチシステム |
|
AD830 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD830 データシート(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD830 REV. A –16– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). Cerdip (Q) Package 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.005 (0.13) MIN 0.055 (1.4) MAX 1 PIN 1 4 5 8 0.310 (7.87) 0.220 (5.59) 0.405 (10.29) MAX 0.200 (5.08) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC Plastic Mini-DIP (N) Package PIN 1 0.280 (7.11) 0.240 (6.10) 4 5 8 1 SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.430 (10.92) 0.348 (8.84) 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Pin SOIC (R) Package 1 4 5 8 0.050 (1.27) TYP 0.188 (4.75) 0.198 (5.00) 0.150 (3.80) 0.158 (4.00) 0.228 (5.80) 0.244 (6.200) 0.014 (0.36) 0.018 (0.46) 0.181 (4.60) 0.205 (5.20) 0.102 (2.59) 0.094 (2.39) 0.020 (0.50) 0.045 (1.15) 0.007 (0.18) 0.015 (0.38) 0.004 (0.10) 0.010 (0.25) All brand or product names mentioned are trademarks or registered trademarks of their respective holders. |