| データシートサーチシステム |
|
AD8307AN データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8307AN データシート(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() VENB – Volts 8 3 0 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 7 4 2 1 6 5 1.8 1.9 2.0 Figure 1. Supply Current vs. VENB Voltage (5 V) VENB – Volts 8 3 0 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 7 4 2 1 6 5 1.8 1.9 2.0 Figure 2. Supply Current vs. VENB Voltage (3 V) INPUT LEVEL – dBm 3 2 –3 –80 20 –60 –40 –20 0 1 0 –1 –2 FREQUENCY INPUT = 100MHz FREQUENCY INPUT = 300MHz Figure 3. Log Conformance vs. Input Level (dBm) @ 100 MHz, 300 MHz INPUT LEVEL – dBm 3 2 –3 –80 20 –60 –40 –20 0 1 0 –1 –2 TEMPERATURE ERROR @ –40 C TEMPERATURE ERROR @ +25 C TEMPERATURE ERROR @ +85 C Figure 4. Log Conformance vs. Input Level (dBm) at 25 °C, 85 °C, –40°C INPUT LEVEL – dBm 3 0 –80 20 –60 –40 –20 0 2 1 INPUT FREQUENCY 10MHz INPUT FREQUENCY 100MHz INPUT FREQUENCY 300MHz INPUT FREQUENCY 500MHz Figure 5. VOUT vs. Input Level (dBm) at Various Frequencies INPUT LEVEL – dBm 1.5 1.0 – 1.5 – 80 20 – 60 – 40 – 20 0 0.5 0 –0.5 –1.0 CFO VALUE = 0.01 F CFO VALUE = 1 F CFO VALUE = 0.1 F Figure 6. Log Conformance vs. CFO Values at 1 kHz Input Frequency AD8307–Typical Performance Characteristics –4– REV. A |