データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9260EB データシート(PDF) 7 Page - Analog Devices

部品番号 AD9260EB
部品情報  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9260EB データシート(HTML) 7 Page - Analog Devices

Back Button AD9260EB Datasheet HTML 3Page - Analog Devices AD9260EB Datasheet HTML 4Page - Analog Devices AD9260EB Datasheet HTML 5Page - Analog Devices AD9260EB Datasheet HTML 6Page - Analog Devices AD9260EB Datasheet HTML 7Page - Analog Devices AD9260EB Datasheet HTML 8Page - Analog Devices AD9260EB Datasheet HTML 9Page - Analog Devices AD9260EB Datasheet HTML 10Page - Analog Devices AD9260EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9260
–7–
REV. B
Table I. Integer Filter Coefficients for First Stage Decimation
Filter (23-Tap Halfband FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(23)
–1
H(2)
H(22)
0
H(3)
H(21)
13
H(4)
H(20)
0
H(5)
H(19)
–66
H(6)
H(18)
0
H(7)
H(17)
224
H(8)
H(16)
0
H(9)
H(15)
–642
H(10)
H(14)
0
H(11)
H(13)
2496
H(12)
4048
Table II. Integer Filter Coefficients for Second Stage Decima-
tion Filter (43-Tap Halfband FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(43)
3
H(2)
H(42)
0
H(3)
H(41)
–12
H(4)
H(40)
0
H(5)
H(39)
35
H(6)
H(38)
0
H(7)
H(37)
–83
H(8)
H(36)
0
H(9)
H(35)
172
H(10)
H(34)
0
H(11)
H(33)
–324
H(12)
H(32)
0
H(13)
H(31)
572
H(14)
H(30)
0
H(15)
H(29)
–976
H(16)
H(28)
0
H(17)
H(27)
1680
H(18)
H(26)
0
H(19)
H(25)
–3204
H(20)
H(24)
0
H(21)
H(23)
10274
H(22)
16274
NOTE: The composite filter undecimated coefficients (i.e.,
impulse response) in the 4
× decimation mode can be determined
by convolving the first stage filter taps with a “zero stuffed”
version of the second stage filter taps (i.e., insert one zero be-
tween samples). Similarly, the composite filter coefficients in the
8
× decimation mode can be determined by convolving the taps
of the composite 4
× decimation mode (as previously deter-
mined) with a “zero stuffed” version of the third stage filter taps
(i.e., insert three zeros between samples).
Table III. Integer Filter Coefficients for Third Stage Decima-
tion Filter (107-Tap Halfband FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(107)
–1
H(2)
H(106)
0
H(3)
H(105)
2
H(4)
H(104)
0
H(5)
H(103)
–2
H(6)
H(102)
0
H(7)
H(101)
3
H(8)
H(100)
0
H(9)
H(99)
–3
H(10)
H(98)
0
H(11)
H(97)
1
H(12)
H(96)
0
H(13)
H(95)
3
H(14)
H(94)
0
H(15)
H(93)
–12
H(16)
H(92)
0
H(17)
H(91)
27
H(18)
H(90)
0
H(19)
H(89)
–50
H(20)
H(88)
0
H(21)
H(87)
85
H(22)
H(86)
0
H(23)
H(85)
–135
H(24)
H(84)
0
H(25)
H(83)
204
H(26)
H(82)
0
H(27)
H(81)
–297
H(28)
H(80)
0
H(29)
H(79)
420
H(30)
H(78)
0
H(31)
H(77)
–579
H(32)
H(76)
0
H(33)
H(75)
784
H(34)
H(74)
0
H(35)
H(73)
–1044
H(36)
H(72)
0
H(37)
H(71)
1376
H(38)
H(70)
0
H(39)
H(69)
–1797
H(40)
H(68)
0
H(41)
H(67)
2344
H(42)
H(66)
0
H(43)
H(65)
–3072
H(44)
H(64)
0
H(45)
H(63)
4089
H(46)
H(62)
0
H(47)
H(61)
–5624
H(48)
H(60)
0
H(49)
H(59)
8280
H(50)
H(58)
0
H(51)
H(57)
–14268
H(52)
H(56)
0
H(53)
H(55)
43520
H(54)
68508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36