データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9775 データシート(PDF) 31 Page - Analog Devices

部品番号 AD9775
部品情報  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9775 データシート(HTML) 31 Page - Analog Devices

Back Button AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
REV. 0
AD9775
–31–
The entire upconversion, from baseband to transmit frequency,
is represented graphically in Figure 33. The resulting spectrum
shown in Figure 33 represents the complex data consisting of
the baseband real and imaginary channels, now modulated onto
orthogonal (cosine and negative sine) carriers at the transmit
frequency. It is important to remember that in this application
(two baseband data channels) the image rejection is not
dependent on the data at either of the AD9775 input channels.
In fact, image rejection will still occur with either one or both of
the AD9775 input channels active. Note that by changing the sign
of the sinusoidal multiplying term in the complex modulator, the
upper sideband image could have been suppressed while passing
the lower one. This is easily done in the AD9775 by selecting
the e
+j t bit (Register 01h, Bit 1). In purely complex terms,
Figure 31 represents the two-stage upconversion from complex
baseband to carrier.
REAL CHANNEL (IN)
IMAGINARY CHANNEL (IN)
DC
DC
A
B
COMPLEX
MODULATOR
REAL CHANNEL (OUT)
IMAGINARY CHANNEL (OUT)
–FC*
B/2J
–B/2J
TO QUADRATURE
MODULATOR
–FC
–FC
–FC
FC
FC
–FC
FC
A/2J
–A/2J
B/2
B/2
A/2
A/2
REAL
IMAGINARY
QUADRATURE
MODULATOR
OUT
A/4 + B/4J
A/4 – B/4J
–FQ – FC
REJECTED IMAGES
A/4 + B/4J
A/4 – B/4J
A/4 + B/4J
A/4 – B/4J
–A/4 – B/4J
–A/4 + B/4J
A/2 + B/2J
A/2 – B/2J
–FQ*
–FQ + FC
FQ – FC
FQ
FQ + FC
–FQ
FQ
–FQ
FQ
*FC = COMPLEX MODULATION FREQUENCY
*FQ = QUADRATURE MODULATION FREQUENCY
Figure 33. Two-Stage Upconversion and Resulting Image Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48