データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9873 データシート(PDF) 39 Page - Analog Devices

部品番号 AD9873
部品情報  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9873 データシート(HTML) 39 Page - Analog Devices

Back Button AD9873 Datasheet HTML 31Page - Analog Devices AD9873 Datasheet HTML 32Page - Analog Devices AD9873 Datasheet HTML 33Page - Analog Devices AD9873 Datasheet HTML 34Page - Analog Devices AD9873 Datasheet HTML 35Page - Analog Devices AD9873 Datasheet HTML 36Page - Analog Devices AD9873 Datasheet HTML 37Page - Analog Devices AD9873 Datasheet HTML 38Page - Analog Devices AD9873 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
REV. 0
AD9873
–39–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
100-Lead Metric Quad Flatpack (MQFP)
(S-100C)
0.555 (14.10)
0.551 (14.00)
0.547 (13.90)
81
100
1
50
31
30
51
TOP VIEW
(PINS DOWN)
PIN 1
80
0.742 (18.85) TYP
0.486
(12.35)
TYP
0.015 (0.35)
0.009 (0.25)
0.029 (0.73)
0.023 (0.57)
0.921 (23.4)
0.906 (23.0)
0.685 (17.4)
0.669 (17.0)
0.791 (20.10)
0.787 (20.00)
0.783 (19.90)
0.134
(4.30)
MAX
SEATING
PLANE
0.004
(0.10)
MAX
0.010
(0.25)
MIN
0.041 (1.03)
0.031 (0.78)
0.110 (2.80)
0.102 (2.60)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39