| データシートサーチシステム |
|
AD9883 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9883 データシート(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() REV. 0 AD9883 –21– Serial Interface Read/Write Examples Write to one control register ➥ Start Signal ➥ Slave Address Byte (R/W Bit = LOW) ➥ Base Address Byte ➥ Data Byte to Base Address ➥ Stop Signal Write to four consecutive control registers ➥ Start Signal ➥ Slave Address Byte (R/W Bit = LOW) ➥ Base Address Byte ➥ Data Byte to Base Address ➥ Data Byte to (Base Address + 1) ➥ Data Byte to (Base Address + 2) ➥ Data Byte to (Base Address + 3) ➥ Stop Signal Read from one control register ➥ Start Signal ➥ Slave Address Byte (R/W Bit = LOW) ➥ Base Address Byte ➥ Start signal ➥ Slave Address byte (R/W bit = HIGH) ➥ Data Byte from Base Address ➥ Stop Signal Read from four consecutive control registers ➥ Start Signal ➥ Slave Address Byte (R/W Bit = LOW) ➥ Base Address Byte ➥ Start Signal ➥ Slave Address Byte (R/W Bit = HIGH) ➥ Data Byte from Base Address ➥ Data Byte from (Base Address + 1) ➥ Data Byte from (Base Address + 2) ➥ Data Byte from (Base Address + 3) ➥ Stop Signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 10. Serial Interface—Typical Byte Transfer SYNC STRIPPER ACTIVITY DETECT NEGATIVE PEAK CLAMP COMP SYNC SOG HSYNC IN ACTIVITY DETECT COAST MUX 2 HSYNC OUT PIXEL CLOCK MUX 1 SYNC SEPARATOR INTEGRATOR VSYNC SOG OUT HSYNC OUT VSYNC OUT MUX 4 VSYNC IN 1/S PLL HSYNC ACTIVITY DETECT AD9883 CLOCK GENERATOR POLARITY DETECT POLARITY DETECT POLARITY DETECT Figure 11. Sync Processing Block Diagram |