| データシートサーチシステム |
|
ADC912AFP データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADC912AFP データシート(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() REV. B –7– Typical Performance Characteristics–ADC912A 0.4 4096 –0.4 0 0 –0.2 0.2 2048 1024 3072 DIGITAL OUTPUT CODE TPC 1. Nonlinearity Error vs. Digital Output Code 6 –4 125 –1 –3 –50 –2 –75 2 0 1 3 4 5 100 25 50 –25 0 75 TEMPERATURE – C CS, RD = LOGIC HIGH AIN = 10V CLK = 1MHz XTAL ISS @ VSS = –15.75V VDD @ 5.25V TPC 4. Supply Current vs. Temperature 256 0 64 128 192 2045 2049 2048 2047 2046 256 SUCCESSIVE CONVERSIONS WITH AIN = 4.99756V OUTPUT CODE – Decimal TPC 7. Code Repetition 5 –5 125 –2 –4 –50 –3 –75 1 –1 0 2 3 4 100 25 50 –25 0 75 TEMPERATURE – C TPC 2. Offset Error vs. Temperature 80 0 1M 40 1k 60 100k 10k CLK IN FREQUENCY – Hz COUT = 20pF fCONV = 1/13 fCLK IN TA = 25 C EXT CLK IN PDISS = IDD 5 + ISS 12 TPC 5. Power Dissipation vs. CLK IN Frequency ANALOG INPUT 100 90 10 0% TRANSITION NOISE TPC 8. Transition Noise Cross Plot 6 –4 125 –1 –3 –50 –2 –75 2 0 1 3 4 5 100 25 50 –25 0 75 TEMPERATURE – C TPC 3. Gain Error vs. Temperature 50 –50 –20 –40 1 –30 0 10 –10 0 20 30 40 5 4 3 2 VO OUTPUT VOLTAGE – Volts ISINK ISOURCE TPC 6. Digital Output Current vs. Output Voltage 0 –2 –4 20 0 2 4 10 15 5 CONVERSION TIME – s VDD = +5V VSS = –12V TA = 25 C TPC 9. Linearity Error vs. Conversion Time |