データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDC02803SCKV データシート(PDF) 3 Page - Analog Devices

部品番号 ADDC02803SCKV
部品情報  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SCKV データシート(HTML) 3 Page - Analog Devices

  ADDC02803SCKV Datasheet HTML 1Page - Analog Devices ADDC02803SCKV Datasheet HTML 2Page - Analog Devices ADDC02803SCKV Datasheet HTML 3Page - Analog Devices ADDC02803SCKV Datasheet HTML 4Page - Analog Devices ADDC02803SCKV Datasheet HTML 5Page - Analog Devices ADDC02803SCKV Datasheet HTML 6Page - Analog Devices ADDC02803SCKV Datasheet HTML 7Page - Analog Devices ADDC02803SCKV Datasheet HTML 8Page - Analog Devices ADDC02803SCKV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADDC02803SC/ADDC02805SA
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
INHIBIT . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V dc, –0.5 V dc
SYNC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 V dc, –0.5 V dc
ISHARE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V dc, –0.5 V dc
TEMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V dc, –0.3 V dc
Common-Mode Voltage, Input to Output . . . . . . . . . 500 V dc
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . +300
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
Maximum Case Operating Temperature . . . . . . . . . . . +125
°C
*Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure of
absolute maximum rating conditions for extended periods of time may affect
device reliability.
ORDERING INFORMATION
Operating
Temperature
Device
Range (Case)
Description
ADDC02803SCKV
–40
°C to +85°C Hermetic Package
ADDC02803SCTV
–55
°C to +90°C Hermetic Package
5962-9760101HXC
(ADDC2803SCTV/QMLH) –55
°C to +125°C Hermetic Package
ADDC02805SAKV
–40
°C to +85°C Hermetic Package
ADDC02805SATV
–55
°C to +90°C Hermetic Package
5962-9570701HXC
(ADDC2805SATV/QMLH) –55
°C to +125°C Hermetic Package
EXPLANATION OF TEST LEVELS
Test Level
I
–
100% production tested.
II
–
100% production tested at +25
°C, and sample tested at
specified temperatures.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization
testing.
V
–
Parameter is a typical value only.
VI –
All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for military
temperature devices; guaranteed by design and charac-
terization testing for industrial devices.
PIN DESCRIPTIONS
Pin
No.
Name
Function
1
–SENSE
Feedback loop connection for remote sensing
output voltage. Must always be connected to
output return for proper operation.
2
+SENSE
Feedback loop connection for remote sensing
output voltage. Must always be connected to
+VOUT for proper operation.
3
ADJUST
Adjusts output voltage setpoint.
4
STATUS
Indicates output voltage is within
±5% of
nominal. Active high referenced to –SENSE
(Pin 1).
5VAUX
Low level dc auxiliary voltage supply refer-
enced to input return (Pin 10).
6
INHIBIT
Power Supply Inhibit. Active low and refer-
enced to input return (Pin 10).
7
SYNC
Clock synchronization input for multiple
units; referenced to input return (Pin 10).
8ISHARE
Current share pin which allows paralleled
units to share current typically within
±5% at
full load; referenced to input return (Pin 10).
9
TEMP
Case temperature indicator and temperature
shutdown override; referenced to input return
(Pin 10).
10
–VIN
Input Return.
11
+VIN
+28 V Nominal Input Bus.
12
+VOUT
+5 V dc Output (ADDC02805SA).
+3.3 V dc Output (ADDC02803SC).
13
+VOUT
+5 V dc Output (ADDC02805SA).
+3.3 V dc Output (ADDC02803SC).
14
+VOUT
+5 V dc Output (ADDC02805SA).
+3.3 V dc Output (ADDC02803SC).
15
RETURN Output Return.
16
RETURN Output Return.
17
RETURN Output Return.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss
of functionality.
PIN CONFIGURATION
1
11
12
17
TOP
VIEW
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18