| データシートサーチシステム |
|
ADE7757ARN データシート(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7757ARN データシート(HTML) 2 Page - Analog Devices |
|
2 / 14 page ![]() PRELIMINARY TECHNICAL DATA REV. PrC. –2– ADE7757–SPECIFICATIONS (VDD = 5 V 5%, AGND = DGND = 0 V, On-Chip Reference, rCKLIN = 5 k Ω 0.1% 5ppm/°C, TMIN to TMAX = –40 C to +85 C) Parameter Value Units Test Conditions/Comments ACCURACY 1, 2 Measurement Error 1 on Channel V1 Channel V2 with Full-Scale Signal (±165 mV),+25°C T B D % Reading typ Over a Dynamic Range 500 to 1 Phase Error 1 Between Channels Line Frequency = 45 Hz to 65 Hz V1 Phase Lead 37° (PF = 0.8 Capacitive) ±0.1 Degrees(°) max V1 Phase Lag 60° (PF = 0.5 Inductive) ±0.1 Degrees(°) max AC Power Supply Rejection 1 S0 = S1 = 1, Output Frequency Variation (CF) T B D % Reading typ V1 = V2 = 100 mV rms, @50 Hz Ripple on VDD of 200 mV rms @ 100 Hz DC Power Supply Rejection 1 S0 = S1 = 1, Output Frequency Variation (CF) TBD % Reading typ V1 = 100 mV rms, V2 = 100 mV rms, VDD = 5 V ±250 mV ANALOG INPUTS See Analog Inputs Section Channel V1 Maximum Signal Level ± 30 mV max V1P and V1N to AGND Channel V2 Maximum Signal Level ±165 mV max V2N and V2P to AGND Input Impedance (DC) TBD k Ω min rCKLIN = 5 k Ω 0.1% 5ppm/°C Bandwidth (–3 dB) 7 kHz typ rCKLIN = 5 k Ω 0.1% 5ppm/°C ADC Offset Error 1, 2 ±25 mV max See Terminology and Performance Graphs Frequency Output Error 1 TBD % Ideal typ External 2.5 V Reference, V1 = 30 mV DC, V2 = 165 mV dc Gain Error 1 ±7 % Ideal typ External 2.5 V Reference, Gain = 1 V1 = 30 mV dc, V2 = 165 mV dc REFERENCE INPUT REFIN/OUT Input Voltage Range 2.7 V max 2.5 V + 8% 2.3 V min 2.5 V – 8% Input Impedance TBD k Ω min Input Capacitance 10 pF max ON-CHIP REFERENCE Nominal 2.5 V Reference Error ±200 mV max Temperature Coefficient 30 ppm/°C typ ppm/°C max LOGIC INPUTS 3 SCF, S0, S1, Input High Voltage, VINH 2.4 V min VDD = 5 V ± 5% Input Low Voltage, VINL 0.8 V max VDD = 5 V ± 5% Input Current, IIN ±3 µA max Typically 10 nA, VIN = 0 V to VDD Input Capacitance, CIN 10 pF max LOGIC OUTPUTS 3 F1 and F2 Output High Voltage, VOH ISOURCE = 10 mA 4.5 V min VDD = 5 V Output Low Voltage, VOL ISINK = 10 mA 0.5 V max VDD = 5 V CF Output High Voltage, VOH ISOURCE = 5 mA 4 V min VDD = 5 V Output Low Voltage, VOL ISINK = 5 mA 0.5 V max VDD = 5 V POWER SUPPLY For Specified Performance VDD 4.75 V min 5 V – 5% 5.25 V max 5 V + 5% IDD TBD TBD TBD NOTES 1 See Terminology Section for explanation of specifications. 2 See Plots in Typical Performance Graphs. 3Sample tested during initial release and after any redesign or process change that may affect this parameter. Specifications subject to change without notice. |