データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS512PJB データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 MS512PJB
部品情報  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS512PJB データシート(HTML) 1 Page - Coilcraft lnc.

  MS512PJB Datasheet HTML 1Page - Coilcraft lnc. MS512PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information. Document MS587-1 Revised 03/25/11b
6235 POWER INDUCTORS
High-Reliability Power Inductors MS512PJB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel.
Weight 460 – 480 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 350/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
3.68 mm pocket depth
Recommended pick and place nozzle OD: 6.2 mm; ID:
≤ 3.1 mm
High temperature materials allow operation in ambient
temperatures up to 155°C.
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
max
(MHz)4
10%
20% 30%
20°C 40°C
Part number1
±20% (µH)
(Ohms)
min typ
drop drop drop
rise rise
MS512PJB682MSZ
6.8
0.075
39
55
2.6
2.7
2.8
1.0
1.5
MS512PJB822MSZ
8.2
0.095
34
48
2.5
2.6
2.7
1.0
1.5
MS512PJB103MSZ
10.0
0.100
26
37
2.3
2.4
2.5
1.0
1.4
MS512PJB123MSZ
12.0
0.110
20
29
1.9
2.2
2.3
1.0
1.4
MS512PJB153MSZ
15.0
0.125
18
25
1.9
2.0
2.0
0.97 1.4
MS512PJB183MSZ
18.0
0.140
17
24
1.7
1.8
1.9
0.96 1.3
MS512PJB223MSZ
22.0
0.145
17
24
1.6
1.7
1.7
0.88 1.3
MS512PJB333MSZ
33.0
0.180
11
16
1.3
1.4
1.5
0.80 1.0
MS512PJB473MSZ
47.0
0.245
9.0 13
1.1
1.2
1.2
0.64 0.92
MS512PJB563MSZ
56.0
0.280
8.4 12
1.0
1.0
1.1
0.60 0.86
MS512PJB683MSZ
68.0
0.345
7.6 10.8
0.90
0.94 0.96 0.58 0.80
MS512PJB823MSZ
82.0
0.315
7.0 10.0
0.46
0.52 0.55 0.58 0.76
MS512PJB104MSZ
100.0
0.375
6.3
9.0
0.46
0.52 0.54 0.56 0.72
MS512PJB124MSZ
120.0
0.435
5.8
8.3
0.44
0.48 0.51 0.48 0.64
MS512PJB154MSZ
150.0
0.535
5.1
7.3
0.37
0.43 0.45 0.42 0.58
MS512PJB224MSZ
220.0
0.720
4.0
5.6
0.31
0.36 0.37 0.36 0.51
MS512PJB334MSZ
330.0
1.02
3.0
4.4
0.26
0.29 0.30 0.32 0.44
MS512PJB474MSZ
470.0
1.58
2.5
3.6
0.22
0.25 0.26 0.29 0.40
MS512PJB564MSZ
560.0
1.75
2.2
3.1
0.20
0.22 0.23 0.26 0.37
MS512PJB684MSZ
680.0
1.97
2.0
2.8
0.17
0.19 0.21 0.22 0.32
MS512PJB824MSZ
820.0
2.70
1.8
2.5
0.16
0.18 0.19 0.21 0.26
MS512PJB105MSZ
1000.0
3.20
1.5
2.2
0.14
0.17 0.18 0.19 0.24
MS512PJB155MSZ
1500.0
4.60
1.3
1.9
0.12
0.13 0.14 0.15 0.21
MS512PJB185MSZ
1800.0
5.42
1.2
1.7
0.11
0.12 0.13 0.14 0.18
MS512PJB225MSZ
2200.0
6.40
1.0
1.5
0.090 0.11 0.11 0.13 0.18
MS512PJB335MSZ
3300.0
8.90
0.8
1.1
0.080 0.090 0.10 0.11 0.14
MS512PJB475MSZ
4700.0
14.0
0.66 0.94 0.070 0.077 0.084 0.095 0.12
MS512PJB565MSZ
5600.0
16.4
0.6
0.86 0.070 0.080 0.085 0.080 0.10
MS512PJB685MSZ
6800.0
21.4
0.56 0.80 0.070 0.075 0.080 0.070 0.095
MS512PJB825MSZ
8200.0
24.0
0.49 0.70 0.062 0.070 0.078 0.065 0.090
MS512PJB106MSZ 10000.0
29.0
0.43 0.61 0.059 0.067 0.074 0.060 0.075
1. When ordering, please specify
testing code:
MS512PJB106MSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES
or equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified
temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


同様の部品番号 - MS512PJB

メーカー部品番号データシート部品情報
logo
EMP-Centauri s.r.o.
MS512PIU-5 EMP-CENTAURI-MS512PIU-5 Datasheet
519Kb / 1P
Multiswitch 5in / 12out
logo
Coilcraft lnc.
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
MS512PYA102MSZ COILCRAFT-MS512PYA102MSZ Datasheet
287Kb / 3P
High Reliability Power Inductors
MS512PYA122MSZ COILCRAFT-MS512PYA122MSZ Datasheet
287Kb / 3P
High Reliability Power Inductors
MS512PYA181MSZ COILCRAFT-MS512PYA181MSZ Datasheet
287Kb / 3P
High Reliability Power Inductors
More results

同様の説明 - MS512PJB

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
High-Reliability Power Inductors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com