| データシートサーチシステム |
|
ADG786BCP データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG786BCP データシート(HTML) 7 Page - Analog Devices |
|
7 / 12 page ![]() REV. 0 ADG786/ADG788 –7– VD, VS, DRAIN OR SOURCE VOLTAGE – V 8 0 123 4 7 6 5 4 3 2 1 0 TA = 25 C VSS = 0V VDD = 4.5V VDD = 5.5V VDD = 3.3V VDD = 2.7V 5 TPC 1. On Resistance as a Function of VD(VS) for Single Supply VD, VS, DRAIN OR SOURCE VOLTAGE – V 0 0.5 7 6 5 4 3 2 1 0 1.0 1.5 2.0 2.5 3.0 8 +25 C –40 C +85 C VDD = 3V VSS = 0V TPC 4. On Resistance as a Function of VD(VS) for Different Temperatures, Single Supply VS, (VD = VDD –VS) – V 0.10 0 0.5 VDD = 3V VSS = GND TA = 25 C IS, ID (ON), VD = VS IS (OFF) 0.08 0.06 0.04 0.02 0 –0.02 –0.04 –0.06 –0.08 –0.10 1.0 1.5 2.0 2.5 3.0 TPC 7. Leakage Currents as a Function of VD(VS) VD, VS, DRAIN OR SOURCE VOLTAGE – V 8 –3 –2 –10 2 7 6 5 4 3 2 1 0 TA = 25 C VDD = +2.5V VSS = –2.5V 3 1 TPC 2. On Resistance as a Function of VD(VS) for Dual Supply VD, VS, DRAIN OR SOURCE VOLTAGE – V 8 –3 –2 –10 2 7 6 5 4 3 2 1 0 VDD = +2.5V VSS = –2.5V 3 –40 C 1 +85 C +25 C TPC 5. On Resistance as a Function of VD(VS) for Different Temperatures, Dual Supply VS, (VD = VDD –VS) – V 0.15 –3 –2 VDD = +2.5V VSS = –2.5V TA = 25 C IS (OFF) 0.10 0.05 0 –0.05 –0.10 –0.15 –1 0123 IS, ID (ON), VD = VS TPC 8. Leakage Currents as a Function of VD(VS) Typical Performance Characteristics– VD, VS, DRAIN OR SOURCE VOLTAGE – V 8 02 7 6 5 4 3 2 1 0 VDD = 5V VSS = 0V 3 –40 C 1 +85 C +25 C 45 TPC 3. On Resistance as a Function of VD(VS) for Different Temperatures, Single Supply VS, (VD = VDD –VS) – V 0.10 01 2 3 5 VDD = 5V VSS = GND TA = 25 C 4 IS, ID (ON), VD = VS IS (OFF) 0.05 0 –0.05 –0.10 –0.15 TPC 6. Leakage Currents as a Function of VD(VS) TEMPERATURE – C 0.25 5 VDD = +2.5V VSS = –2.5V VD = +2.25V/–1.25V VS = –1.25V/+2.25V VDD = 5V VSS = GND VD = 4.5V/1.0V VS = 1.0V/4.5V IS, ID (ON) IS (OFF) 0.20 0.15 0.10 0.05 0 –0.05 20 35 50 65 80 –0.10 TPC 9. Leakage Currents as a Function of Temperature |