| データシートサーチシステム |
|
PCF8523T/1 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523T/1 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 75 page ![]() PCF8523 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 5 July 2012 25 of 74 NXP Semiconductors PCF8523 Real-Time Clock (RTC) and calendar 8.7.3 Register Day_alarm [1] Default value. 8.7.4 Register Weekday_alarm [1] Default value. 8.7.5 Alarm flag Table 24. Day_alarm - day alarm register (address 0Ch) bit description Bit Symbol Value Place value Description 7 AE_D 0 - day alarm is enabled 1[1] - day alarm is disabled 6 - - - unused 5 to 4 DAY_ALARM 0 to 3 ten’s place day alarm information coded in BCD format 3 to 0 0 to 9 unit place Table 25. Weekday_alarm - weekday alarm register (address 0Dh) bit description Bit Symbol Value Description 7 AE_W 0 weekday alarm is enabled 1[1] weekday alarm is disabled 6 to 3 - - unused 2 to 0 WEEKDAY_ALARM 0 to 6 weekday alarm information (1) Only when all enabled alarm settings are matching. It is only on increment to a matched case that the alarm flag is set, see Section 8.7.5. Fig 15. Alarm function block diagram 013aaa088 WEEKDAY ALARM AE_W WEEKDAY TIME = DAY ALARM AE_D DAY TIME = HOUR ALARM AE_H HOUR TIME = MINUTE ALARM AE_M MINUTE TIME = check now signal set alarm flag AF (1) AE_M = 1 1 0 example |