データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8523TK/1 データシート(PDF) 64 Page - NXP Semiconductors

部品番号 PCF8523TK/1
部品情報  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 データシート(HTML) 64 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 60Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 61Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 62Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 63Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 64Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 65Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 66Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 67Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
64 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
For further information on temperature profiles, refer to Application Note AN10365
“Surface mount reflow soldering description”.
19. Footprint information
MSL: Moisture Sensitivity Level
Fig 45. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Fig 46. Footprint information for reflow soldering of SOT96-1 (SO8) of PCF8523T
sot096-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy
± 0.25
1.30
0.60 (8
×)
1.27 (6
×)
4.00
6.60
5.50
7.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75