| データシートサーチシステム |
|
PCF8523TS/1 データシート(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523TS/1 データシート(HTML) 61 Page - NXP Semiconductors |
|
61 / 75 page ![]() PCF8523 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 5 July 2012 61 of 74 NXP Semiconductors PCF8523 Real-Time Clock (RTC) and calendar Fig 44. Film Frame Carrier (FFC) (for PCF8523U) 013aaa351 2.6 mm 60.2 mm 63.5 mm ∅ 250 mm 276 mm 276 mm 0.3 plastic frame plastic film straight edge of the wafer |