| データシートサーチシステム |
|
ADMC401BST データシート(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401BST データシート(HTML) 52 Page - Analog Devices |
|
52 / 60 page ![]() REV. B ADMC401 –52– ETUCTRL (R/W) DM (0x205E) ETU0 0 = DO NOT CAPTURE 1 = START CAPTURE DM (0x205D) ETUDIVIDE (R/W) DM (0x2050) – DM (0x2056) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x205C) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ETUCONFIG (R/W) ETU1 MODE 0 = SINGLE SHOT 1 = FREE-RUNNING ETU1 INTERRUPT 0 = NEXT EVENT A 1 = EVENT B ETU1 EVENT B 0 = FALLING EDGE 1 = RISING EDGE ETU1 EVENT A 0 = FALLING EDGE 1 = RISING EDGE ETU0 EVENT A 0 = FALLING EDGE 1 = RISING EDGE ETU0 EVENT B 0 = FALLING EDGE 1 = RISING EDGE ETU0 INTERRUPT 0 = NEXT EVENT A 1 = EVENT B ETU1 MODE 0 = SINGLE SHOT 1 = FREE-RUNNING ETUA0 (R) ETUB0 (R) ETUAA0 (R) ETUA1 (R) ETUB1 (R) ETUAA1 (R) ETUTIME (R) ETU1 0 = DO NOT CAPTURE 1 = START CAPTURE ETUSTAT (R) DM (0x205E) ETU0 0 = NOT CAPTURED 1 = SEQUENCE CAPTURE ETU1 0 = NOT CAPTURED 1 = SEQUENCE CAPTURED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Figure 40. Structure of Registers of ADMC401 Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |