データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMCF340 データシート(PDF) 7 Page - Analog Devices

部品番号 ADMCF340
部品情報  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 データシート(HTML) 7 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 3Page - Analog Devices ADMCF340 Datasheet HTML 4Page - Analog Devices ADMCF340 Datasheet HTML 5Page - Analog Devices ADMCF340 Datasheet HTML 6Page - Analog Devices ADMCF340 Datasheet HTML 7Page - Analog Devices ADMCF340 Datasheet HTML 8Page - Analog Devices ADMCF340 Datasheet HTML 9Page - Analog Devices ADMCF340 Datasheet HTML 10Page - Analog Devices ADMCF340 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
REV. 0
ADMCF340
–7–
Pin
Pin
No.
Mnemonic
Type
1
AGND
GND
2
DGND1
GND
3
RESET
D_IN
4
PB6
D_I/O
5CH
D_OUT
6
PB7
D_I/O
7
PB8
D_I/O
8CL
D_OUT
9
PB9
D_I/O
10
PB10
D_I/O
11
BH
D_OUT
12
PB11
D_I/O
13
PB12
D_I/O
14
BL
D_OUT
15
NC
No Connect
16
NC
No Connect
17
NC
No Connect
18
AH
D_OUT
19
PB13
D_I/O
20
PB14
D_I/O
21
AL
D_OUT
22
PB15
D_I/O
23
PA8/(AUX0/CLKOUT)
D_I/O
24
PA7/(AUX1/PWMSYNC)
D_I/O
25
DVDD2SUP
26
PWMSR
D_IN
27
DGND2
GND
28
PA6/DR1
D_I/O
29
PA5/(FL1/DT1)
D_I/O
30
PA4/(SCLK1/SCLK0)
D_I/O
31
PWMPOL
D-IN
32
PA3/TFS0
D_I/O
Pin
Pin
No.
Mnemonic
Type
33
NC
No Connect
34
PA2/RFS0
D_I/O
35
PB0
D_I/O
36
PB1
D_I/O
37
PA1/DT0
D_I/O
38
PB2
D_I/O
39
PB3
D_I/O
40
PA0/DR0
D_I/O
41
PB4
D_I/O
42
PB5
D_I/O
43
NC
No Connect
44
CLKIN
D_I/O
45
NC
No Connect
46
XTAL
A_OUT
47
DVDD1SUP
48
AVDD
SUP
49
PWMTRIP
D_IN
50
V3
A_IN
51
ISENSE3
A_IN
52
V2
A_IN
53
ISENSE2
A_IN
54
V1
A_IN
55
ISENSE1
A_IN
56
VAUX4
A_IN
57
VAUX0
A_IN
58
VAUX5
A_IN
59
VAUX1
A_IN
60
VAUX6
A_IN
61
VAUX2
A_IN
62
VAUX7
A-IN
63
ICONST
A_OUT
64
NC
No Connect
PIN FUNCTION DESCRIPTIONS
PA is the abbreviation of PORTA; PB is the abbreviation of PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40