データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ5006 データシート(PDF) 6 Page - Alpha & Omega Semiconductors

部品番号 AOZ5006
部品情報  35A DrMOS Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5006 データシート(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ5006 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ5006 Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AOZ5006
Rev. 1.5 April 2012
www.aosmd.com
Page 6 of 16
Typical Performance Characteristics
Unless otherwise noted, VIN = 12V, VDRV = VCIN = 5V, Fsw = 600 kHz, Lout = 470 nH, Vout = 1.2V.
Loss and efficiency measured on AOS evaluation board at TA = 25°C. No forced air for module loss < 7W.
Module loss includes power MOSFET loss plus drive circuit loss.
Power train consists of AOZ5006 power module plus output inductor IHLP6767GZERR47M01.
Power train efficiency does not include other losses in the test board.
Fig 1. Module Loss vs. Load Current
Fig 2. Power Train Efficiency vs. Load Current
Fig 3. Normalised Module Loss and Efficiency
vs. Output Voltage
Fig 4. Normalised Module Loss and Efficiency
vs. Input Voltage
0
1
2
3
4
5
6
7
8
0
3
6
9
12
15
18
21
24
27
30
33
36
Load Current (Amps)
Load Current (Amps)
75%
80%
85%
90%
95%
0
3
6
9
12
15
18
21
24
27
30
33
36
0.96
0.98
1.00
1.02
1.04
1.06
1.08
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
Input Voltage
0.95
1.00
1.05
1.10
1.15
1.20
1.25
Output Voltage
0.980
0.985
0.990
0.995
1.000
1.005
1.010
4
5
6
7
8
9
10
11
12
13
14
15
16
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1 MHz
600 kHz
300 kHz
1 MHz
600 kHz
300 kHz
Efficiency
Loss
Efficiency
Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com