| データシートサーチシステム |
|
ADSP2184 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP2184 データシート(HTML) 21 Page - Analog Devices |
|
21 / 31 page ![]() ADSP-2184 –21– REV. 0 Parameter Min Max Unit IDMA Address Latch Timing Requirements: tIALP Duration of Address Latch1, 2 10 ns tIASU IAD15–0 Address Setup before Address Latch End2 5ns tIAH IAD15–0 Address Hold after Address Latch End2 3ns tIKA IACK Low before Start of Address Latch2, 3 0ns tIALS Start of Write or Read after Address Latch End2, 3 3ns NOTES 1Start of Address Latch = IS Low and IAL High. 2End of Address Latch = IS High or IAL Low. 3Start of Write or Read = IS Low and IWR Low or IRD Low. tIKA IAD 15–0 IACK IAL IS IRD IWR OR tIALP tIASU tIAH tIALS Figure 15. IDMA Address Latch |