| データシートサーチシステム |
|
ADV7150LS220 データシート(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7150LS220 データシート(HTML) 23 Page - Analog Devices |
|
23 / 36 page ![]() ADV7150 –23– REV. A COMMAND REGISTER 3 (CR3) (Address Reg (A7–A0) = 07H) This register contains a number of control bits as shown in the diagram. CR3 is a 10-bit wide register. However for program- ming purposes, it may be considered as an 8-bit wide register (CR38 and CR39 are both reserved). The diagram shows the various operations under the control of CR3. This register can be read from as well written to. In read mode, CR38 and CR39 are both returned as zeros. COMMAND REGISTER 3-BIT DESCRIPTION PRGCKOUT Frequency Control (CR31–CR30) These bits specify the output frequency of the PRGCKOUT output. PRGCKOUT is a divided down version of the pixel CLOCK. BLANK Pipeline Delay Control (CR35–CR32) These bits specify the additional pipeline delay that can be added to the BLANK function, relative to the overall device pipeline delay (tPD). As the BLANK control normally enters the video DAC from a shorter pipeline than the video pixel data, this control is useful in deskewing the pipeline differential. Pixel Multiplex Control (CR37–CR36) These bits specify the device’s multiplex mode. It, therefore, also determines the frequency of the LOADOUT signal. LOADOUT is a divided down version of the pixel CLOCK. Revision Register (Address Reg (A7–A0) = 0BH) This register is a read only register containing the revision of silicon. CR39 CR38 CR37 CR36 CR35 CR34 CR32 CR31 CR30 CR33 *THESE BITS ARE READ- ONLY RESERVED BITS. A READ CYCLE WILL RETURN ZEROS "00." PRGCKOUT FREQUENCY CONTROL CR31 CR30 0 0 1 1 0 1 0 1 CLOCK ÷ 4 CLOCK ÷ 8 CLOCK ÷ 16 CLOCK ÷ 32 RESERVED* PIXEL MULTIPLEX CONTROL CR37 CR36 0 0 1 1 0 1 0 1 1:1 MUXING: LOADOUT = CLOCK ÷ 1 2:1 MUXING LOADOUT = CLOCK ÷ 2 RESERVED 4:1 MUXING :LOADOUT = CLOCK ÷ 4 EXTRA BLANK PIPELINE DELAY CONTROL (ADDS TO PIXEL PIPELINE DELAY; t PD ) CR35 CR34 CR33 CR32 0 0 0 1 0 1 0 1 0 0 1 1 0 0 0 1 t PD t PD + 1 x LOADOUT t PD + 2 x LOADOUT t PD + 15 x LOADOUT · · · · · · · · · · Command Register 3 (CR3) (CR39–CR30) |