データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AFE4490RHAR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 AFE4490RHAR
部品情報  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AFE4490RHAR データシート(HTML) 1 Page - Texas Instruments

  AFE4490RHAR Datasheet HTML 1Page - Texas Instruments AFE4490RHAR Datasheet HTML 2Page - Texas Instruments AFE4490RHAR Datasheet HTML 3Page - Texas Instruments AFE4490RHAR Datasheet HTML 4Page - Texas Instruments AFE4490RHAR Datasheet HTML 5Page - Texas Instruments AFE4490RHAR Datasheet HTML 6Page - Texas Instruments AFE4490RHAR Datasheet HTML 7Page - Texas Instruments AFE4490RHAR Datasheet HTML 8Page - Texas Instruments AFE4490RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
LED2 Data
Amb (LED2) Data
LED1 Data
Amb (LED1) Data
AFE
SPI
(LED2 t Amb) Data
(LED1 t Amb) Data
+
Buffer
û ADC
+
TIA
+
Stage 2
Gain
Photodiode
CPD
Rx
SPI Interface
Diagnostic
PD Open or Short
Cable Off
LED Open or Short
LED
Driver
LED Current
Control
DAC
Timing
Controller
OSC
8 MHz
AFE
LED
5-V Supply
Tx Driver
Supply
2.2-V Supply
LED2
AMBLED2
LED1
AMBLED1
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
Integrated Analog Front-End for Pulse Oximeters
Check for Samples: AFE4490
1
FEATURES
23
Fully-Integrated Analog Front-End for
Pulse Oximeter Applications:
Package: Compact QFN-40 (6 mm × 6 mm)
Flexible Pulse Sequencing and
Specified Temperature Range: –40°C to +85°C
Timing Control
APPLICATIONS
Transmit:
Medical Pulse Oximeter Applications
Integrated LED Driver
(H-Bridge or Push/Pull)
Industrial Photometry Applications
110-dB Dynamic Range Across Full Range
DESCRIPTION
(Enables Low Noise at Low LED Current)
The AFE4490 is a fully-integrated analog front-end
LED Current:
(AFE)
that
is
ideally
suited
for
pulse-oximeter
Programmable Ranges of 50 mA, 75 mA,
applications. The device consists of a low-noise
100 mA, 150 mA, and 200 mA,
receiver
channel
with
a
22-bit
analog-to-digital
Each with 8-Bit Current Resolution
converter (ADC), an LED transmit section, and
Low Power:
diagnostics for sensor and LED fault detection. The
AFE4490 is a very configurable timing controller. This
100 µA + Average LED Current
flexibility enables the user to have complete control of
LED On-Time Programmability from
the device timing characteristics. To ease clocking
(50 µs + Settle Time) to 4 ms
requirements and provide a low-jitter clock to the
Independent LED2 and LED1 Current
AFE4490,
an
oscillator
is
also
integrated
that
functions from an external crystal. The device
Reference
communicates to an external microcontroller or host
Receive Channel with High Dynamic Range:
processor using an SPI™ interface.
Input-Referred Noise:
The AFE4490 is a complete AFE solution packaged
13 pARMS (0.1-Hz to 5-Hz Bandwidth)
in a single, compact QFN-40 package (6 mm ×
13.5 Noise-Free Bits (0.1 Hz to 5 Hz)
6
mm)
and
is
specified
over
the
operating
Analog Ambient Cancellation Scheme with
temperature range of –40°C to +85°C.
Selectable 1-µA to 10-µA Ambient Current
Low Power: < 2.3 mA at 3.0-V Supply
Rx Sample Time: 50 µs to 250 µs
I-V Amplifier with Seven Separate LED2 and
LED1 Programmable Feedback R and C
Settings
Integrated Digital Ambient Estimation and
Subtraction
Integrated Fault Diagnostics:
Photodiode and LED Open and
Short Detection
Cable On/Off Detection
Supplies:
Rx = 2.0 V to 3.6 V
Tx = 3.0 V or 5.25 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - AFE4490RHAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI2-AFE4490 Datasheet
847Kb / 85P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
REVISED DECEMBER 2016
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
More results

同様の説明 - AFE4490RHAR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com