データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM8335 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM8335
部品情報  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM8335 データシート(HTML) 9 Page - Texas Instruments

Back Button LM8335 Datasheet HTML 5Page - Texas Instruments LM8335 Datasheet HTML 6Page - Texas Instruments LM8335 Datasheet HTML 7Page - Texas Instruments LM8335 Datasheet HTML 8Page - Texas Instruments LM8335 Datasheet HTML 9Page - Texas Instruments LM8335 Datasheet HTML 10Page - Texas Instruments LM8335 Datasheet HTML 11Page - Texas Instruments LM8335 Datasheet HTML 12Page - Texas Instruments LM8335 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM8335
www.ti.com
SNVS840 – JUNE 2012
Figure 6. Extended Register Write Command Sequence
INTERNAL POR OPERATION
There are two internal POR circuits: one on the VDD supply and one on the VDDIO supply that initialize the
LM8335 when power is applied. The duration of the reset is an RC delay which is based on the ramp rate and
not a threshold voltage of the VDD/VDDIO supply. VIO can be activated as soon as VDD and VDDIO have
reached their minimum respective voltage levels however the LM8335 may still be in reset due to the internal
POR timing. When VIO is asserted after VDD and VDDIO tPORC Max, the device reset will be released based on
the VIO tREADY timing.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16